Part Number Hot Search : 
MA310 PI3B3244 160CA IDT74A TOR113 64LE602 D75308 SA12040
Product Description
Full Text Search
 

To Download DSSK80-006BR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 ixys all rights reserved 1 - 2 0622 dssk 80-006br ixys reserves the right to change limits, test conditions and dimensions. i fav = 2x40 a v rrm =60v v f = 0.51 v symbol conditions maximum ratings i frms 70 a i fav t c = 120c; rectangular, d = 0.5 40 a i fav t c = 120c; rectangular, d = 0.5; per device 80 a i fsm t vj = 45c; t p = 10 ms (50 hz), sine 600 a e as i as = 20 a; l = 100 h; t vj = 25c; non repetitive 20 mj i ar v a = 1.5 v rrm typ.; f = 10 khz; repetitive 2 a (dv/dt) cr 1000 v/s t vj -55...+150 c t vjm 150 c t stg -55...+150 c p tot t c = 25c 155 w f c mounting force w ith c lip 20...120 n v isol 50/60 hz, rms; t = 1 s 3000 v~ weight typical 6 g v rsm v rrm type v v 60 60 dssk 80-006br symbol conditions characteristic values typ. max. i r v r = v rrm ;t vj = 25c 20 ma v r = v rrm ;t vj = 100c 200 ma v f i f = 40 a; t vj = 125c 0.51 v i f = 40 a; t vj = 25c 0.55 v i f = 80 a; t vj = 125c 0.74 v r thjc 0.8 k/w r thch 0.25 k/w pulse test: pulse width = 5 ms, duty cycle < 2.0% data according to iec 60747 and per diode unless otherwise specified power schottky rectifier with common cathode features  international standard package  very low v f  extremely low switching losses  low i rm -values  isolated and ul registered e153432 applications  rectifiers in switch mode power supplies (smps)  free wheeling diode in low voltage converters advantages  high reliability circuit operation  low voltage peaks for reduced protection circuits  low noise switching  low losses dimensions see outlines.pdf aca c = cathode, a = anode isoplus 247 tm a a c isolated back surface *
? 2006 ixys all rights reserved 2 - 2 0622 dssk 80-006br ixys reserves the right to change limits, test conditions and dimensions. 0.0 0.2 0.4 0.6 0.8 1 10 100 0 102030405060 0.01 0.1 1 10 100 1000 10000 10 30 50 70 0204060 0 10 20 30 40 50 0.001 0.01 0.1 1 0.1 1 04080120160 0 10 20 30 40 50 60 70 80 i f(av) t c c i f(av) t s k/w i fsm t p a 0 102030405060 100 1000 10000 c t i r i f a v f v r v r v pf v ma a p (av) w z thjc v a s t vj = 150c 125c 25c d = dc 0.5 0.33 0.25 0.17 0.08 0.08 0.25 0.17 0.33 50c 75c 25c 125c 100c t vj =150c t vj = 25c d = 0.5 dc dssk 80-006b single pulse d = 0.5 fig. 2 typ. value of reverse current i r versus reverse voltage v r fig. 1 maximum forward voltage drop characteristics fig. 4 average forward current i f(av) versus case temperature t c fig. 5 forward power loss characteristics fig. 6 transient thermal impedance junction to case at various duty cycles note: all curves are per diode


▲Up To Search▲   

 
Price & Availability of DSSK80-006BR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X